Part Number Hot Search : 
PDZ10B BSP742R AM27S 2N6360 70475 PIC18 RF2114 C2020D
Product Description
Full Text Search
 

To Download DTA114TEFRATL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dta114t series pnp -100ma -50v digital transistors (bias resistor built-in transistors) datasheet ll outline parameter value vmt3 emt3f v ceo -50v i c -100ma r 1 10k dta114tm dta114teb (sc-105aa) (sc-89) emt3 umt3f ll features 1) built-in biasing resistor 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) the bias resistors consist of thin-film resistor s with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) complementary npn types: dtc114t series 6) complex transistors: emb4/ umb4n/ ema4/ uma4n/ fma4a pnp type 7) lead free/rohs compliant. dta114te dta114tub sot-416(sc-75a) (sc-85) umt3 smt3 dta114tua dta114tka sot-323(sc-70) sot-346(sc-59) ll inner circuit b: base ll application c: collector switching circuit, inverter circuit, interface circ uit, e: emitter driver circuit ll packaging specifications part no. package package size taping code reel size (mm) tape width (mm) basic ordering unit.(pcs) marking dta114tm vmt3 1212 t2l 180 8 8000 94 dta114teb emt3f 1616 tl 180 8 3000 94 dta114te emt3 1616 tl 180 8 3000 94 dta114tub umt3f 2021 tl 180 8 3000 94 dta114tua umt3 2021 t106 180 8 3000 94 dta114tka smt3 2928 t146 180 8 3000 94 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 1/9 20121023 - rev.001 downloaded from: http:///
dta114t series d atasheet ll absolute maximum ratings (t a = 25c) parameter symbol values unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c -100 ma power dissipation dta114tm p d *1 150 mw dta114teb 150 dta114te 150 dta114tub 200 dta114tua 200 dta114tka 200 junction temperature t j 150 range of storage temperature t stg -55 to +150 ll electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. collector-base breakdown voltage bv cbo i c = -50a -50 - - v collector-emitter breakdown voltage bv ceo i c = -1ma -50 - - v emitter-base breakdown voltage bv ebo i e = -50a -5 - - v collector cut-off current i cbo v cb = -50v - - -0.5 a emitter cut-off current i ebo v eb = -4v - - -0.5 a collector-emitter saturation voltage v ce(sat) i c / i b = -10ma / -1ma - - -0.3 v dc current gain h fe v ce = -5v, i c = -1ma 100 250 600 - input resistance r 1 - 7 10 13 k transition frequency f t *2 v ce = -10v, i e = 5ma, f = 100mhz - 250 - mhz *1 each terminal mounted on a reference footprint *2 characteristics of built-in transistor www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 2/9 20121023 - rev.001 downloaded from: http:///
dta114t series datasheet ll electrical characteristic curves(ta=25 ) fig.1 grounded emitter propagation characteristics f ig.2 grounded emitter output characteristics fig.3 dc current gain vs. collector current fig.4 co llector-emitter saturation voltage vs. collector current www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 3/9 20121023 - rev.001 downloaded from: http:///
dta114t series datasheet ll di mensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 4/9 20121023 - rev.001 downloaded from: http:///
dta114t series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 5/9 20121023 - rev.001 downloaded from: http:///
dta114t series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 6/9 20121023 - rev.001 downloaded from: http:///
dta114t series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 7/9 20121023 - rev.001 downloaded from: http:///
dta114t series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 8/9 20121023 - rev.001 downloaded from: http:///
dta114t series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 9/9 20121023 - rev.001 downloaded from: http:///
downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTA114TEFRATL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X